Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 94Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 95Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 96Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 97Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 98Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 99Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 100Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 101Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 202 page
background image
PIC16F688
DS41203D-page 96
© 2007 Microchip Technology Inc.
TABLE 10-5:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 11.0592 MHz
FOSC = 8.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
1221
1.73
255
1200
0.00
239
1200
0.00
143
1202
0.16
103
2400
2404
0.16
129
2400
0.00
119
2400
0.00
71
2404
0.16
51
9600
9470
-1.36
32
9600
0.00
29
9600
0.00
17
9615
0.16
12
10417
10417
0.00
29
10286
-1.26
27
10165
-2.42
16
10417
0.00
11
19.2k
19.53k
1.73
15
19.20k
0.00
14
19.20k
0.00
8
—
—
—
57.6k
—
—
—
57.60k
0.00
7
57.60k
0.00
2
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
300
0.16
207
300
0.00
191
300
0.16
103
300
0.16
51
1200
1202
0.16
51
1200
0.00
47
1202
0.16
25
1202
0.16
12
2400
2404
0.16
25
2400
0.00
23
2404
0.16
12
—
—
—
9600
—
—
—
9600
0.00
5
—
—
—
—
—
—
10417
10417
0.00
5
—
—
—
10417
0.00
2
—
—
—
19.2k
—
—
—
19.20k
0.00
2
—
—
—
—
—
—
57.6k
—
—
—
57.60k
0.00
0
—
—
—
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 11.0592 MHz
FOSC = 8.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
—
—
—
—
—
—
—
—
—
—
—
—
2400
—
—
—
—
—
—
——
—
2404
0.16
207
9600
9615
0.16
129
9600
0.00
119
9600
0.00
71
9615
0.16
51
10417
10417
0.00
119
10378
-0.37
110
10473
0.53
65
10417
0.00
47
19.2k
19.23k
0.16
64
19.20k
0.00
59
19.20k
0.00
35
19231
0.16
25
57.6k
56.82k
-1.36
21
57.60k
0.00
19
57.60k
0.00
11
55556
-3.55
8
115.2k
113.64k
-1.36
10
115.2k
0.00
9
115.2k
0.00
5
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com