Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 60Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 61Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 62Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 63Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 64Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 65Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 66Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 67Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 202 page
background image
PIC16F688
DS41203D-page 62
© 2007 Microchip Technology Inc.
7.8
Comparator C2 Gating Timer1
This feature can be used to time the duration or interval
of analog events. Clearing the T1GSS bit of the
CMCON1 register will enable Timer1 to increment
based on the output of Comparator C2. This requires
that Timer1 is on and gating is enabled. See
Section 6.0 “Timer1 Module with Gate Control” for
details.
It is recommended to synchronize Comparator C2 with
Timer1 by setting the C2SYNC bit when the comparator
is used as the Timer1 gate source. This ensures Timer1
does not miss an increment if the comparator changes
during an increment.
7.9
Synchronizing Comparator C2
Output to Timer1
The output of Comparator C2 can be synchronized with
Timer1 by setting the C2SYNC bit of the CMCON1
register. When enabled, the comparator output is
latched on the falling edge of the Timer1 clock source.
If a prescaler is used with Timer1, the comparator
output is latched after the prescaling function. To
prevent a race condition, the comparator output is
latched on the falling edge of the Timer1 clock source
and Timer1 increments on the rising edge of its clock
source. Reference the comparator block diagrams
(Figure 7-2 and Figure 7-3) and the Timer1 Block
Diagram (Figure 6-1) for more information.
REGISTER 7-2:
CMCON1: COMPARATOR CONFIGURATION REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
—
—
—
—
—
—
T1GSS
C2SYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit(1)
1
= Timer1 gate source is T1G pin (pin should be configured as digital input)
0
= Timer1 gate source is Comparator C2 output
bit 0
C2SYNC: Comparator C2 Output Synchronization bit(2)
1
= Output is synchronized with falling edge of Timer1 clock
0
= Output is asynchronous
Note 1:
Refer to Section 6.6 “Timer1 Gate”.
2:
Refer to Figure 7-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com