Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 59Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 60Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 61Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 62Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 63Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 64Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 65Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 66Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 61
PIC16F688
REGISTER 7-1:
CMCON0: COMPARATOR CONFIGURATION REGISTER
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C2OUT: Comparator 2 Output bit
When C2INV = 0:
1
= C2 VIN+ > C2 VIN-
0
= C2 VIN+ < C2 VIN-
When C2INV = 1:
1
= C2 VIN+ < C2 VIN-
0
= C2 VIN+ > C2 VIN-
bit 6
C1OUT: Comparator 1 Output bit
When C1INV = 0:
1
= C1 VIN+ > C1 VIN-
0
= C1 VIN+ < C1 VIN-
When C1INV = 1:
1
= C1 VIN+ < C1 VIN-
0
= C1 VIN+ > C1 VIN-
bit 5
C2INV: Comparator 2 Output Inversion bit
1
= C2 output inverted
0
= C2 output not inverted
bit 4
C1INV: Comparator 1 Output Inversion bit
1
= C1 Output inverted
0
= C1 Output not inverted
bit 3
CIS: Comparator Input Switch bit
When CM<2:0> = 010:
1
= C1IN+ connects to C1 VIN-
C2IN+ connects to C2 VIN-
0
= C1IN- connects to C1 VIN-
C2IN- connects to C2 VIN-
When CM<2:0> = 001:
1
= C1IN+ connects to C1 VIN-
0
= C1IN- connects to C1 VIN-
bit 2-0
CM<2:0>: Comparator Mode bits (See Figure 7-5)
000
= Comparators off. CxIN pins are configured as analog
001
= Three inputs multiplexed to two comparators
010
= Four inputs multiplexed to two comparators
011
= Two common reference comparators
100
= Two independent comparators
101
= One independent comparator
110
= Two common reference comparators with outputs
111
= Comparators off. CxIN pins are configured as digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com