Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 125Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 126Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 127Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 128Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 129Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 130Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 131Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 132Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 127
PIC16F688
11.9
In-Circuit Serial Programming
This allows customers to manufacture boards with
unprogrammed devices and then program the micro-
controller just before shipping the product. This also
allows the most recent firmware or a custom firmware
to be programmed.
The device is placed into a Program/Verify mode by
holding the RA0 and RA1 pins low, while raising the
MCLR
(VPP)
pin
from
VIL
to
VIHH.
See
the
“PIC12F6XX/16F6XX
Memory
Programming
Specification” (DS41204) for more information. RA0
becomes the programming data and RA1 becomes the
programming clock. Both RA0 and RA1 are Schmitt
Trigger inputs in Program/Verify mode.
A typical In-Circuit Serial Programming connection is
shown in Figure 11-11.
FIGURE 11-11:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
11.10 In-Circuit Debugger
Since in-circuit debugging requires access to the data
and MCLR pins, MPLAB® ICD 2 development with an
14-pin device is not practical. A special 20-pin
PIC16F688 ICD device is used with MPLAB ICD 2 to
provide separate clock, data and MCLR pins and frees
all normally available pins to the user.
A special debugging adapter allows the ICD device to
be used in place of a PIC16F688 device. The
debugging adapter is the only source of the ICD device.
When the ICD pin on the PIC16F688 ICD device is held
low, the In-Circuit Debugger functionality is enabled.
This function allows simple debugging functions when
used with MPLAB ICD 2. When the microcontroller has
this feature enabled, some of the resources are not
available for general use. Table 11-9 shows which
features are consumed by the background debugger:
TABLE 11-9:
DEBUGGER RESOURCES
For more information, see “MPLAB® ICD 2 In-Circuit
Debugger User’s Guide” (DS51331), available on
Microchip’s web site (www.microchip.com).
FIGURE 11-12:
20-PIN ICD PINOUT
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F688
VDD
VSS
MCLR/VPP/RA3
RA1
RA0
+5V
0V
VPP
CLK
Data I/O
*
*
*
*
* Isolation devices (as required)
Resource
Description
I/O pins
ICDCLK, ICDDATA
Stack
1 level
Program Memory
Address 0h must be NOP
700h-7FFh
20-Pin PDIP
In-Circuit Debug Device
NC
ICDMCLR/VPP
VDD
RA5
RA4
RA3
ICDCLK
ICDDATA
Vss
RA0
ICD
NC
RA1
RA2
RC5
RC4
RC3
RC0
RC1
RC2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com