Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 176Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 177Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 178Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 179Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 180Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 181Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 182Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 183Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 178
PIC16F688
FIGURE 15-30:
COMPARATOR RESPONSE TIME (RISING EDGE)
FIGURE 15-31:
COMPARATOR RESPONSE TIME (FALLING EDGE)
531
806
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
4.0
5.5
VDD (V)
Max. 85°C
Typ. 25°C
Min. -40°C
Max. 125°C
Note:
V- input = Transition from VCM + 100MV to VCM - 20MV
V+ input = VCM
VCM = VDD - 1.5V)/2
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
4.0
5.5
VDD (V)
Max. 85°C
Typ. 25°C
Min. -40°C
Max. 125°C
Note:
V- input = Transition from VCM - 100MV to VCM + 20MV
V+ input = VCM
VCM = VDD - 1.5V)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com