Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 45 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 45 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 41Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 42Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 43Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 44Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 45Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 46Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 47Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 48Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 43
dsPIC30F2011/2012/3012/3013
4.2.1
START AND END ADDRESS
The Modulo Addressing scheme requires that a start-
ing and an ending address be specified and loaded
into the 16-bit
Modulo
Buffer
Address
registers:
XMODSRT, XMODEND, YMODSRT and YMODEND
(see Table 3-3).
The length of a circular buffer is not directly specified. It
is determined by the difference between the corre-
sponding Start and end addresses. The maximum pos-
sible length of the circular buffer is 32K words
(64 Kbytes).
4.2.2
W ADDRESS REGISTER
SELECTION
The Modulo and Bit-Reversed Addressing Control reg-
ister, MODCON<15:0>, contains enable flags as well
as a W register field to specify the W address registers.
The XWM and YWM fields select which registers oper-
ate with Modulo Addressing. If XWM = 15, X RAGU
and X WAGU Modulo Addressing is disabled. Similarly,
if YWM = 15, Y AGU Modulo Addressing is disabled.
The X Address Space Pointer W register (XWM), to
which Modulo Addressing is to be applied, is stored in
MODCON<3:0> (see Table 3-3). Modulo Addressing is
enabled for X data space when XWM is set to any value
other than ‘15’ and the XMODEN bit is set at
MODCON<15>.
The Y Address Space Pointer W register (YWM), to
which Modulo Addressing is to be applied, is stored in
MODCON<7:4>. Modulo Addressing is enabled for Y
data space when YWM is set to any value other than
‘15’ and the YMODEN bit is set at MODCON<14>.
FIGURE 4-1:
MODULO ADDRESSING OPERATION EXAMPLE
Note:
Y space Modulo Addressing EA calcula-
tions assume word-sized data (LSb of
every EA is always clear).
0x1100
0x1163
Start Addr = 0x1100
End Addr = 0x1163
Length = 0x0032 words
Byte
Address
MOV
#0x1100,W0
MOV
W0,XMODSRT
;set modulo start address
MOV
#0x1163,W0
MOV
W0,MODEND
;set modulo end address
MOV
#0x8001,W0
MOV
W0,MODCON
;enable W1, X AGU for modulo
MOV
#0x0000,W0
;W0 holds buffer fill value
MOV
#0x1110,W1
;point W1 to buffer
DO
AGAIN,#0x31
;fill the 50 buffer locations
MOV
W0,[W1++]
;fill the next location
AGAIN: INC
W0,W0
;increment the fill value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com