Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 51 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 51 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 47Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 48Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 49Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 50Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 51Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 52Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 53Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 54Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 49
dsPIC30F2011/2012/3012/3013
5.6
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode. A programming operation is nominally 2 msec in
duration and the processor stalls (waits) until the oper-
ation is finished. Setting the WR bit (NVMCON<15>)
starts the operation and the WR bit is automatically
cleared when the operation is finished.
5.6.1
PROGRAMMING ALGORITHM FOR
PROGRAM FLASH
The user can erase or program one row of program
Flash memory at a time. The general process is:
1.
Read one row of program Flash (32 instruction
words) and store into data RAM as a data
“image”.
2.
Update the data image with the desired new
data.
3.
Erase program Flash row.
a)
Setup NVMCON register for multi-word,
program Flash, erase, and set WREN bit.
b)
Write address of row to be erased into
NVMADRU/NVMDR.
c)
Write ‘55’ to NVMKEY.
d)
Write ‘AA’ to NVMKEY.
e)
Set the WR bit. This begins erase cycle.
f)
CPU stalls for the duration of the erase cycle.
g)
The WR bit is cleared when erase cycle
ends.
4.
Write 32 instruction words of data from data
RAM “image” into the program Flash write
latches.
5.
Program 32 instruction words into program
Flash.
a)
Setup NVMCON register for multi-word,
program Flash, program, and set WREN
bit.
b)
Write ‘55’ to NVMKEY.
c)
Write ‘AA’ to NVMKEY.
d)
Set the WR bit. This begins program cycle.
e)
CPU stalls for duration of the program cycle.
f)
The WR bit is cleared by the hardware
when program cycle ends.
6.
Repeat steps 1 through 5 as needed to program
desired amount of program Flash memory.
5.6.2
ERASING A ROW OF PROGRAM
MEMORY
Example 5-1 shows a code sequence that can be used
to erase a row (32 instructions) of program memory.
EXAMPLE 5-1:
ERASING A ROW OF PROGRAM MEMORY
; Setup NVMCON for erase operation, multi word write
; program memory selected, and writes enabled
MOV
#0x4041,W0
;
MOV
W0,NVMCON
; Init NVMCON SFR
; Init pointer to row to be ERASED
MOV
#tblpage(PROG_ADDR),W0
;
MOV
W0,NVMADRU
; Initialize PM Page Boundary SFR
MOV
#tbloffset(PROG_ADDR),W0
; Intialize in-page EA[15:0] pointer
MOV
W0, NVMADR
; Initialize NVMADR SFR
DISI
#5
; Block all interrupts with priority <7 for
; next 5 instructions
MOV
#0x55,W0
MOV
W0,NVMKEY
; Write the 0x55 key
MOV
#0xAA,W1
;
MOV
W1,NVMKEY
; Write the 0xAA key
BSET
NVMCON,#WR
; Start the erase sequence
NOP
; Insert two NOPs after the erase
NOP
; command is asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com