Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 87 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 87 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 83Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 84Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 85Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 86Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 87Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 88Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 89Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 90Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 85
dsPIC30F2011/2012/3012/3013
12.0
OUTPUT COMPARE MODULE
This section describes the output compare module and
associated operational modes. The features provided
by this module are useful in applications requiring oper-
ational modes, such as:
• Generation of Variable Width Output Pulses
• Power Factor Correction
Figure 12-1 depicts a block diagram of the output
compare module.
The key operational features of the output compare
module include:
• Timer2 and Timer3 Selection mode
• Simple Output Compare Match mode
• Dual Output Compare Match mode
• Simple PWM mode
• Output Compare During Sleep and Idle modes
• Interrupt on Output Compare/PWM Event
These operating modes are determined by setting the
appropriate bits in the 16-bit OC1CON and OC2CON
registers. The dsPIC30F2011/2012/3012/3013 devices
have 2 compare channels.
OCxRS and OCxR in Figure 12-1 represent the Dual
Compare registers. In the Dual Compare mode, the
OCxR register is used for the first compare and OCxRS
is used for the second compare.
FIGURE 12-1:
OUTPUT COMPARE MODE BLOCK DIAGRAM
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046).
OCxR
Comparator
Output
Logic
Q
S
R
OCM<2:0>
Output
OCx
Set Flag bit
OCxIF
OCxRS
Mode Select
3
Note:
Where ‘x’ is shown, reference is made to the registers associated with the respective output compare
channel (1 or 2).
OCFA
OCTSEL
01
T2P2_MATCH
TMR2<15:0
TMR3<15:0>
T3P3_MATCH
From GP
(for x = 1, 2, 3 or 4)
01
Timer Module
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com