Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 72 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 72 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 68Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 69Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 70Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 71Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 72Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 73Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 74Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 75Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 205 page
background image
TABLE 8-3:
dsPIC30F3013 INTERRUPT CONTROLLER REGISTER MAP
SFR
Name
ADR
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
INTCON1
0080 NSTDIS
—
—
—
—
OVATE
OVBTE
COVTE
—
—
—
MATHERR
ADDRERR
STKERR OSCFAIL
—
0000 0000 0000 0000
INTCON2
0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
—
—
INT2EP
INT1EP
INT0EP
0000 0000 0000 0000
IFS0
0084
CNIF
MI2CIF
SI2CIF
NVMIF
ADIF
U1TXIF
U1RXIF
SPI1IF
T3IF
T2IF
OC2IF
IC2IF
T1IF
OC1IF
IC1IF
INT0IF
0000 0000 0000 0000
IFS1
0086
—
—
—
—
—
—
U2TXIF
U2RXIF
INT2IF
—
—
—
—
—
—INT1IF
0000 0000 0000 0000
IFS2
0088
—
—
—
—
—LVDIF
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
IEC0
008C
CNIE
MI2CIE
SI2CIE
NVMIE
ADIE
U1TXIE
U1RXIE
SPI1IE
T3IE
T2IE
OC2IE
IC2IE
T1IE
OC1IE
IC1IE
INT0IE
0000 0000 0000 0000
IEC1
008E
—
—
—
—
—
U2TXIE
U2RXIE
INT2IE
—
—
—
—
—
—INT1IE
0000 0000 0000 0000
IEC2
0090
—
—
—
—
—LVDIE
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
IPC0
0094
—
T1IP<2:0>
—OC1IP<2:0>
—
IC1IP<2:0>
—
INT0IP<2:0>
0100 0100 0100 0100
IPC1
0096
—
T31P<2:0>
—
T2IP<2:0>
—
OC2IP<2:0>
—
IC2IP<2:0>
0100 0100 0100 0100
IPC2
0098
—ADIP<2:0>
—
U1TXIP<2:0>
—
U1RXIP<2:0>
—
SPI1IP<2:0>
0100 0100 0100 0100
IPC3
009A
—
CNIP<2:0>
—MI2CIP<2:0>
—
SI2CIP<2:0>
—
NVMIP<2:0>
0100 0100 0100 0100
IPC4
009C
—
—
—
—
—
—
—
—
—
—
—
—
—
INT1IP<2:0>
0000 0000 0000 0100
IPC5
009E
—
INT2IP<2:0>
—
—
—
—
—
—
—
—
—
0100 0000 0000 0000
IPC6
00A0
—
—
—
—
—
—
—
—
—
U2TXIP<2:0>
—
U2RXIP<2:0>
0000 0000 0100 0100
IPC7
00A2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
IPC8
00A4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
IPC9
00A6
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
IPC10
00A8
—
—
—
—
—
LVDIP<2:0>
—
—
—
—
—
—
—
—
0000 0100 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com