Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 69 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 69 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 65Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 66Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 67Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 68Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 69Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 70Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 71Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 72Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 67
dsPIC30F2011/2012/3012/3013
FIGURE 8-1:
TRAP VECTORS
8.4
Interrupt Sequence
All interrupt event flags are sampled in the beginning of
each instruction cycle by the IFSx registers. A pending
Interrupt Request (IRQ) is indicated by the flag bit
being equal to a ‘1’ in an IFSx register. The IRQ causes
an interrupt to occur if the corresponding bit in the Inter-
rupt Enable (IECx) register is set. For the remainder of
the instruction cycle, the priorities of all pending inter-
rupt requests are evaluated.
If there is a pending IRQ with a priority level greater
than the current processor priority level in the IPL bits,
the processor is interrupted.
The processor then stacks the current program counter
and the low byte of the processor STATUS register
(SRL), as shown in Figure 8-2. The low byte of the
STATUS register contains the processor priority level at
the time prior to the beginning of the interrupt cycle.
The processor then loads the priority level for this inter-
rupt into the STATUS register. This action disables all
lower priority interrupts until the completion of the
Interrupt Service Routine.
FIGURE 8-2:
INTERRUPT STACK
FRAME
The RETFIE (return from interrupt) instruction unstacks
the program counter and STATUS registers to return
the processor to its state prior to the interrupt
sequence.
8.5
Alternate Vector Table
In program memory, the Interrupt Vector Table (IVT) is
followed by the Alternate Interrupt Vector Table (AIVT),
as shown in Figure 8-1. Access to the alternate vector
table is provided by the ALTIVT bit in the INTCON2 reg-
ister. If the ALTIVT bit is set, all interrupt and exception
processes use the alternate vectors instead of the
default vectors. The alternate vectors are organized in
the same manner as the default vectors. The AIVT sup-
ports emulation and debugging efforts by providing a
means to switch between an application and a support
environment without requiring the interrupt vectors to
be reprogrammed. This feature also enables switching
between
applications
for
evaluation
of
different
software algorithms at run time.
If the AIVT is not required, the program memory allo-
cated to the AIVT may be used for other purposes.
AIVT is not a protected section and may be freely
programmed by the user.
Address Error Trap Vector
Oscillator Fail Trap Vector
Stack Error Trap Vector
Reserved Vector
Math Error Trap Vector
Reserved
Oscillator Fail Trap Vector
Address Error Trap Vector
Reserved Vector
Reserved Vector
Interrupt 0 Vector
Interrupt 1 Vector
—
—
—
Interrupt 52 Vector
Interrupt 53 Vector
Math Error Trap Vector
0x000000
0x000014
Reserved
Stack Error Trap Vector
Reserved Vector
Reserved Vector
Interrupt 0 Vector
Interrupt 1 Vector
—
—
—
Interrupt 52 Vector
Interrupt 53 Vector
IVT
AIVT
0x000080
0x00007E
0x0000FE
Reserved
0x000094
Reset - GOTO Instruction
Reset - GOTO Address
0x000002
Reserved
0x000082
0x000084
0x000004
Reserved Vector
Note 1: The user can always lower the priority
level by writing a new value into SR. The
Interrupt Service Routine must clear the
interrupt flag bits in the IFSx register
before lowering the processor interrupt
priority, in order to avoid recursive
interrupts.
2: The IPL3 bit (CORCON<3>) is always
clear when interrupts are being pro-
cessed. It is set only during execution of
traps.
<Free Word>
0
15
W15 (before CALL)
W15 (after CALL)
0x0000
PC<15:0>
SRL IPL3 PC<22:16>
POP : [--W15]
PUSH : [W15++]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com