Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 177 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 177 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 173Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 174Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 175Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 176Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 177Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 178Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 179Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 180Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 175
dsPIC30F2011/2012/3012/3013
FIGURE 20-18:
I2C™ BUS START/STOP BITS TIMING CHARACTERISTICS (SLAVE MODE)
FIGURE 20-19:
I2C™ BUS DATA TIMING CHARACTERISTICS (SLAVE MODE)
TABLE 20-34: I2C™ BUS DATA TIMING REQUIREMENTS (SLAVE MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
IS10
TLO:SCL
Clock Low Time
100 kHz mode
4.7
—
μs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
μs
Device must operate at a
minimum of 10 MHz.
1 MHz mode(1)
0.5
—
μs—
IS11
THI:SCL
Clock High Time
100 kHz mode
4.0
—
μs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
μs
Device must operate at a
minimum of 10 MHz
1 MHz mode(1)
0.5
—
μs—
IS20
TF:SCL
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(1)
—
100
ns
IS21
TR:SCL
SDA and SCL
Rise Time
100 kHz mode
—
1000
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(1)
—
300
ns
Note 1:
Maximum pin capacitance = 10 pF for all I2C™ pins (for 1 MHz mode only).
IS31
IS34
SCL
SDA
Start
Condition
Stop
Condition
IS30
IS33
IS30
IS31
IS33
IS11
IS10
IS20
IS26
IS25
IS40
IS40
IS45
IS21
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com