Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT20E/P Datasheet(PDF) 191 Page - Microchip Technology

Part # DSPIC30F2011AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT20E/P Datasheet(HTML) 191 Page - Microchip Technology

Back Button DSPIC30F2011AT20E/P Datasheet HTML 187Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 188Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 189Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 190Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 191Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 192Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 193Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 194Page - Microchip Technology DSPIC30F2011AT20E/P Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 189
dsPIC30F2011/2012/3012/3013
28-Lead Plastic Quad Flat, No Lead Package (MM) - 6x6x0.9 mm Body [QFN-S]
With 0.40 mm Contact Length
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
NOTE 1
BOTTOM VIEW
TOP VIEW
N
2
1
2
1
E
E2
EXPOSED
PAD
D2
e
b
K
N
D
A
A1
L
A3
Number of Pins
Pitch
Overall Height
Standoff
Contact Thickness
Overall Width
Exposed Pad Width
Overall Length
Exposed Pad Length
Contact Width
Contact Length §
Contact-to-Exposed Pad §
Units
Dimension Limits
N
e
A
A1
A3
E
E2
D
D2
b
L
K
0.80
0.00
3.65
3.65
0.23
0.30
0.20
28
0.65 BSC
0.90
0.02
0.20 REF
6.00 BSC
3.70
6.00 BSC
3.70
0.38
0.40
—
1.00
0.05
4.70
4.70
0.43
0.50
—
MIN
NOM
MAX
MILLIMETERS
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. § Significant Characteristic
3. Package is saw singulated
4. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Microchip Technology Drawing No. C04–124, Sept. 8, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com