Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 73Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 74Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 75Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 76Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 77Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 78Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 79Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 80Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 75
PIC12F609/615/12HV609/615
10.0
ENHANCED CAPTURE/
COMPARE/PWM (WITH AUTO-
SHUTDOWN AND DEAD BAND)
MODULE (PIC12F615/HV615
ONLY)
The Enhanced Capture/Compare/PWM module is a
peripheral which allows the user to time and control
different events. In Capture mode, the peripheral
allows the timing of the duration of an event.The
Compare mode allows the user to trigger an external
event when a predetermined amount of time has
expired. The PWM mode can generate a Pulse-Width
Modulated signal of varying frequency and duty cycle.
Table 10-1 shows the timer resources required by the
ECCP module.
TABLE 10-1:
ECCP MODE – TIMER
RESOURCES REQUIRED
ECCP Mode
Timer Resource
Capture
Timer1
Compare
Timer1
PWM
Timer2
REGISTER 10-1:
CCP1CON: ENHANCED CCP1 CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
P1M
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
P1M: PWM Output Configuration bits
If CCP1M<3:2> = 00, 01, 10:
x
=
P1A assigned as Capture/Compare input; P1B assigned as port pins
If CCP1M<3:2> = 11:
0
=
Single output; P1A modulated; P1B assigned as port pins
1
=
Half-Bridge output; P1A, P1B modulated with dead-band control
bit 6
Unimplemented: Read as ‘0’
bit 5-4
DC1B<1:0>: PWM Duty Cycle Least Significant bits
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPR1L.
bit 3-0
CCP1M<3:0>: ECCP Mode Select bits
0000
= Capture/Compare/PWM off (resets ECCP module)
0001
= Unused (reserved)
0010
= Compare mode, toggle output on match (CCP1IF bit is set)
0011
= Unused (reserved)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP1IF bit is set)
1001
= Compare mode, clear output on match (CCP1IF bit is set)
1010
= Compare mode, generate software interrupt on match (CCP1IF bit is set, CCP1 pin is
unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit is set; CCP1 resets TMR1 or TMR2 and starts
an A/D conversion, if the ADC module is enabled)
1100
= PWM mode; P1A active-high; P1B active-high
1101
= PWM mode; P1A active-high; P1B active-low
1110
= PWM mode; P1A active-low; P1B active-high
1111
= PWM mode; P1A active-low; P1B active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com