Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 75Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 76Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 77Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 78Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 79Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 80Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 81Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 82Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 77
PIC12F609/615/12HV609/615
TABLE 10-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
CCP1CON
P1M
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0 0-00 0000 0-00 0000
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx uuuu uuuu
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx uuuu uuuu
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000 0000 0000
PIE1
—
ADIE(1)
CCP1IE(1)
—
CMIE
—
TMR2IE(1)
TMR1IE
-00- 0-00 -00- 0-00
PIR1
—
ADIF(1)
CCP1IF(1)
—
CMIF
—
TMR2IF(1)
TMR1IF
-00- 0-00 -00- 0-00
T1CON
T1GINV
TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS
TMR1ON 0000 0000 uuuu uuuu
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
TRISIO
—
—TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0 --11 1111 --11 1111
Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture.
Note
1:
For PIC12F615/HV615 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com