Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 89Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 90Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 91Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 92Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 93Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 94Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 95Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 96Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 91
PIC12F609/615/12HV609/615
TABLE 10-7:
SUMMARY OF REGISTERS ASSOCIATED WITH PWM
REGISTER 10-3:
PWM1CON: ENHANCED PWM CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PRSEN: PWM Restart Enable bit
1
= Upon auto-shutdown, the ECCPASE bit clears automatically once the shutdown event goes
away; the PWM restarts automatically
0
= Upon auto-shutdown, ECCPASE must be cleared in software to restart the PWM
bit 6-0
PDC<6:0>: PWM Delay Count bits
PDCn = Number of FOSC/4 (4 * TOSC) cycles between the scheduled time when a PWM signal
should transition active and the actual time it transitions active
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
APFCON
—
—
—T1GSEL
—
—
P1BSEL
P1ASEL
---0 --00 ---0 --00
CCP1CON
P1M
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0 0-00 0000 0-00 0000
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx uuuu uuuu
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx uuuu uuuu
CMCON0
CMON
COUT
CMOE
CMPOL
—CMR
—CMCH
0000 -0-0 0000 -0-0
CMCON1
—
—
—
T1ACS
CMHYS
—T1GSS
CMSYNC ---0 0-10 ---0 0-10
ECCPAS
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0 0000 0000 0000 0000
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000 0000 0000
PIE1
—
ADIE(1)
CCP1IE(1)
—
CMIE
—TMR2IE(1)
TMR1IE
-00- 0-00 -00- 0-00
PIR1
—
ADIF(1)
CCP1IF(1)
—
CMIF
—TMR2IF(1)
TMR1IF
-00- 0-00 -00- 0-00
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000
TMR2
Timer2 Module Register
0000 0000 0000 0000
TRISIO
—
—
TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0 --11 1111 --11 1111
Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the PWM.
Note
1:
For PIC12F615/HV615 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com