Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 86Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 87Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 88Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 89Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 90Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 91Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 92Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 93Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 88
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 10-2:
ECCPAS: ENHANCED CAPTURE/COMPARE/PWM AUTO-SHUTDOWN
CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ECCPASE: ECCP Auto-Shutdown Event Status bit
1
= A shutdown event has occurred; ECCP outputs are in shutdown state
0
= ECCP outputs are operating
bit 6-4
ECCPAS<2:0>: ECCP Auto-shutdown Source Select bits
000
= Auto-Shutdown is disabled
001
= Comparator output change
010
= Auto-Shutdown is disabled
011
= Comparator output change(1)
100
=VIL on INT pin
101
=VIL on INT pin or Comparator change
110
=VIL on INT pin(1)
111
=VIL on INT pin or Comparator change
bit 3-2
PSSAC<1:0>: Pin P1A Shutdown State Control bits
00
= Drive pin P1A to ‘0’
01
= Drive pin P1A to ‘1’
1x
= Pin P1A tri-state
bit 1-0
PSSBD<1:0>: Pin P1B Shutdown State Control bits
00
= Drive pin P1B to ‘0’
01
= Drive pin P1B to ‘1’
1x
= Pin P1B tri-state
Note 1:
If CMSYNC is enabled, the shutdown will be delayed by Timer1.
Note 1: The auto-shutdown condition is a level-
based signal, not an edge-based signal.
As long as the level is present, the auto-
shutdown will persist.
2: Writing to the ECCPASE bit is disabled
while
an
auto-shutdown
condition
persists.
3: Once the auto-shutdown condition has
been removed and the PWM restarted
(either through firmware or auto-restart)
the PWM signal will always restart at the
beginning of the next PWM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com