Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 95Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 96Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 97Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 98Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 99Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 100Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 101Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 102Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 97
PIC12F609/615/12HV609/615
11.3.4
BROWN-OUT RESET (BOR)
The BOREN0 and BOREN1 bits in the Configuration
Word register select one of three BOR modes. One
mode has been added to allow control of the BOR
enable for lower current during Sleep. By selecting
BOREN<1:0> = 10, the BOR is automatically disabled
in Sleep to conserve power and enabled on wake-up.
See
Register 11-1
for
the
Configuration
Word
definition.
A brown-out occurs when VDD falls below VBOR for
greater than parameter TBOR (see Section 15.0
“Electrical Specifications”). The brown-out condition
will reset the device. This will occur regardless of VDD
slew rate. A Brown-out Reset may not occur if VDD falls
below VBOR for less than parameter TBOR.
On any Reset (Power-on, Brown-out Reset, Watchdog
timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 11-3). If enabled, the Power-
up Timer will be invoked by the Reset and keep the chip
in Reset an additional 64 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
11.3.5
BOR CALIBRATION
The PIC12F609/615/12HV609/615 stores the BOR
calibration values in fuses located in the Calibration
Word register (2008h). The Calibration Word register is
not erased when using the specified bulk erase
sequence in the “PIC12F6XX/16F6XX Memory Pro-
gramming Specification” (DS41204) and thus, does not
require reprogramming.
FIGURE 11-3:
BROWN-OUT SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
Note:
Address 2008h is beyond the user pro-
gram memory space. It belongs to the
special
configuration
memory
space
(2000h-3FFFh), which can be accessed
only
during
programming.
See
“PIC12F6XX/16F6XX Memory Program-
ming Specification” (DS41204) for more
information.
64 ms(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOR
VDD
Internal
Reset
Note 1:
64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com