Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB Datasheet(PDF) 18 Page - STMicroelectronics

Part # M65KG512AB
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M65KG512AB Datasheet HTML 14Page - STMicroelectronics M65KG512AB Datasheet HTML 15Page - STMicroelectronics M65KG512AB Datasheet HTML 16Page - STMicroelectronics M65KG512AB Datasheet HTML 17Page - STMicroelectronics M65KG512AB Datasheet HTML 18Page - STMicroelectronics M65KG512AB Datasheet HTML 19Page - STMicroelectronics M65KG512AB Datasheet HTML 20Page - STMicroelectronics M65KG512AB Datasheet HTML 21Page - STMicroelectronics M65KG512AB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Commands
M65KG526AB
18/54
Table 4.
Minimum delay between two commands in concurrent Auto Precharge Mode
From command
To command
Minimum delay between the 2 commands in
concurrent Auto Precharge mode(1)
Unit
READA
READ or READA
BL/2
tCK
WRITE or WRITEA
CAS Latency (rounded up) + BL/2
tCK
PRE or ACT
1
tCK
WRITEA
READ or READA
1 + BL/2 + tWTR
tCK
WRITE or WRITEA
BL/2
tCK
PRE or ACT
1
tCK
1.
BL = Burst Length.
Table 5.
Burst Type Definition
Start
addr. (A0-
A3)
Burst length = 2
words
Burst length = 4
words
Burst length = 8 words
Burst length = 16 words
Sequen-
tial
Inter-
leaved
Sequen-
tial
Inter-
leaved
Sequential
Interleaved
Sequential
Interleaved
00h
0-1
0-1
0-1-2-3
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0-1-2-..D-E-F
0-1-2-..D-E-F
01h
1-0
1-0
1-2-3-0
1-0-3-2
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
1-2-3..D-E-F-0
1-0-3-..C-F-E
02h
2-3-0-1
2-3-0-1
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
2-3-4..E-F-0-1
2-3-0- ..F-C-D
03h
3-0-1-2
3-2-1-0
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
3-4-5..F-0-1-2
3-2-1-..E-D-C
04h
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
4-5-6..0-1-2-3
4-5-6-..9-A-B
05h
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
5-6-7..1-2-3-4
5-4-7..8-B-A
06h
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
6-7-8..2-3-4-5
6-7-4-..B-8-9
07h
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
7-8-9..3-4-5-6
7-6-5-..A-9-8
08h
8-9-A..4-5-6-7
8-9-A..5-6-7
09h
9-A-B..5-6-7-8
9-8-A..4-7-6
0Ah
A-B-C..6-7-8-9
A-B-8..7-4-5
0Bh
B-C-D..7-8-9-A
B-A-9..6-5-4
0Ch
C-D-E..8-9-A-B
C-D-E..1-2-3
0Dh
D-E-F..9-A-B-C
D-C-F..0-3-2
0Eh
E-F-0..A-B-C-D
E-F-C..3-0-1
0Fh
F-0-1..B-C-D-E
F-E-D..2-1-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com