Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB Datasheet(PDF) 32 Page - STMicroelectronics

Part # M65KG512AB
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M65KG512AB Datasheet HTML 28Page - STMicroelectronics M65KG512AB Datasheet HTML 29Page - STMicroelectronics M65KG512AB Datasheet HTML 30Page - STMicroelectronics M65KG512AB Datasheet HTML 31Page - STMicroelectronics M65KG512AB Datasheet HTML 32Page - STMicroelectronics M65KG512AB Datasheet HTML 33Page - STMicroelectronics M65KG512AB Datasheet HTML 34Page - STMicroelectronics M65KG512AB Datasheet HTML 35Page - STMicroelectronics M65KG512AB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
DC and ac parameters
M65KG526AB
32/54
tDSS
(4)
UDQS/LDQS Falling Edge to K Setup Time
0.2
0.2
tCK
tDSH
(4)
UDQS/LDQS Falling Edge Hold Time from K
0.2
0.2
tCK
tDQSH
UDQS/LDQS High Pulse Width
0.35
0.35
tCK
tDQSL
UDQS/LDQS Low Pulse Width
0.35
0.35
tCK
tDPE
tPDEN Power-Down Entry Time
2
2
tCK
tDPX
tPDEX Power-Down Exit Time
1
1
tCK
tMRD
Mode Register Set Cycle Time
2
2
tCK
tPROZ
(1)
tHZP Precharge Command to Data Output High-Z
3
3
tCK
tRPD
Delay Time from Read to Precharge Command
(same Bank)
BL/2(2)
BL/2(2)
tCK
tRWD
Delay Time from Read to Write Command (all
data output)
3+BL/2
(2)
3+BL/2
(2)
tCK
tRPRE
Read Preamble Time
0.9
1.1
0.9
1.1
tCK
tRPST
Read Postamble Time
0.4
0.6
0.4
0.6
tCK
tSRE
tSREX Self Refresh Exit Time
TJ = −30 to 85 °C
16
tCK
TJ =−30 to 105 °C
22
27
tCK
tWPD
Delay Time from Write to Precharge Command
(same Bank)
3+BL/2
(2)
3+BL/2
(3)
tCK
tWRD
Delay Time from Write to Read Command
(all data input)
2+BL/2
(2)
2+BL/2
(2)
tCK
tWCD
Write Command to Data Input Latency
1
1
tCK
tWR
Write Recovery Time
TJ = −30 to 85 °C
2
tCK
TJ =−30 to 105 °C
3
tCK
tWTR
Internal Write to Read
command Delay
TJ = −30 to 85 °C
1
tCK
TJ =−30 to 105 °C
2
2
tCK
tWPRE
Write Preamble
0.25
0.25
tCK
tWPST
(4)
Data Strobe Low Pulse Width (Write Postamble)
0.4
0.6
0.4
0.6
tCK
1.
CAS Latency equals 3 clock cycles.
2.
BL stands for Burst Length.
3.
BL stands for Burst Length.
4.
The transition for Low-Z to High-Z occur when the device outputs become floating. No specific reference voltage is given in
this document.
Table 17.
AC characteristics measured in clock period (continued)
Symbol
Alt
Parameter
M65KG512AB
Unit
133MHz
166MHz
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com