Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB Datasheet(PDF) 25 Page - STMicroelectronics

Part # M65KG512AB
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M65KG512AB Datasheet HTML 21Page - STMicroelectronics M65KG512AB Datasheet HTML 22Page - STMicroelectronics M65KG512AB Datasheet HTML 23Page - STMicroelectronics M65KG512AB Datasheet HTML 24Page - STMicroelectronics M65KG512AB Datasheet HTML 25Page - STMicroelectronics M65KG512AB Datasheet HTML 26Page - STMicroelectronics M65KG512AB Datasheet HTML 27Page - STMicroelectronics M65KG512AB Datasheet HTML 28Page - STMicroelectronics M65KG512AB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
M65KG526AB
Maximum rating
25/54
6
Maximum rating
Stressing the device above the ratings listed in Table 9: Absolute maximum ratings, may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 9.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
TJ
Junction Temperature
Temperature
range option 8(1)
−30
85
°C
Temperature
range option 9(1)
−30
105
°C
TSTG
Storage Temperature
−55
125
°C
VIO
Input or Output Voltage
−0.5
2.3
V
VDD, VDDQ
Supply Voltage
−0.5
2.3
V
IOS
Short Circuit Output Current
50
mA
PD
Power Dissipation
1.0
W
1. See Table 18: Ordering Information Scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com