Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6C26 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 23Page - Microchip Technology MCP6C26 Datasheet HTML 24Page - Microchip Technology MCP6C26 Datasheet HTML 25Page - Microchip Technology MCP6C26 Datasheet HTML 26Page - Microchip Technology MCP6C26 Datasheet HTML 27Page - Microchip Technology MCP6C26 Datasheet HTML 28Page - Microchip Technology MCP6C26 Datasheet HTML 29Page - Microchip Technology MCP6C26 Datasheet HTML 30Page - Microchip Technology MCP6C26 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 29
MCP6C26
Figure 5-6 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized (by 50/GDM) load capacitance (CL).
After selecting RISO for the circuit, double check the
resulting frequency response peaking and step
response overshoot on the bench. Modify RISO’s value
until the response is reasonable.
FIGURE 5-6:
Recommended RISO vs.
Capacitive Load.
5.1.9
UNIDIRECTIONAL APPLICATIONS
In unidirectional applications where VREF =VSS, it is
important to minimize output headroom (VOL). The
lower VOL is, the more accurate the zero scale reading
is. This is done by making RL high and by tying VL to
VSS.
In unidirectional applications where VREF =VDD, it is
important to minimize output headroom (VDD –VOH).
The higher VOH is, the more accurate the zero scale
reading is. This is done by making RL high and by tying
VL to VDD.
Figure 5-3 shows how to connect VREF and VSS for
best performance.
5.1.10
BIDIRECTIONAL APPLICATIONS
To maximize headroom, reduce VOL and VOH by
setting RL high and by setting VL to mid-supply.
5.1.11
SUPPLY PINS
See Section 3.4, Low-Side Power Supplies (VDD,
VSS)
for
common
power
supply
pin
design
approaches.
Setting VSS = GND has the potential to increase
rejection of crosstalk and glitches. In any case, a good
ground design (e.g., ground plane on a PCB) and
appropriate bypass capacitors are needed to realize
these benefits. It pays to be sure that your capacitor's
voltage rating and dielectric will support your needs
over your voltage and temperature ranges. With some
dielectrics, it pays to also take aging (changes over
time) into account too.
5.1.12
PCB TIPS
These amplifiers are specified up to 36V at the VIP pin
and the load currents can be high. For these reasons,
the PCB design needs to be done with care.
Industry
standards,
such
as
IPC-2221A,
give
requirements for many PCB related topics. These
topics include current capacity of traces, spacing
between conductors, altitude effects, coatings and
parasitic impedances.
A package's pin spacing, together with other design
choices, affects the maximum voltage allowed between
adjacent pins.
5.1.13
OTHER APPLICATIONS
Other applications not related to high-side current
sensing that the MCP6C26 can be used for are:
• Low-side current sensing
• Differential sensor conditioning.
0
500
1000
1500
2000
2500
1.00E-11
1.00E-10
1.00E-09
Normalized Capacitive Load; C
L*50/GDM (F)
Gain = 50
Gain = 100
Gain = 200
10p
100p
1n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com