Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6C26 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology MCP6C26 Datasheet HTML 10Page - Microchip Technology MCP6C26 Datasheet HTML 11Page - Microchip Technology MCP6C26 Datasheet HTML 12Page - Microchip Technology MCP6C26 Datasheet HTML 13Page - Microchip Technology MCP6C26 Datasheet HTML 14Page - Microchip Technology MCP6C26 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 13
MCP6C26
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA =+25°C, VDD = 2.7V to 5.5V, VSS = GND, VCM =15V, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF; see Figure 1-5, Figure 1-6 and Figure 1-7.
2.1
DC Precision
FIGURE 2-1:
Input Offset Voltage vs.
Temperature, GDM =50V/V.
FIGURE 2-2:
Input Offset Voltage vs.
Temperature, GDM = 100 V/V.
FIGURE 2-3:
Input Offset Voltage vs.
Temperature, GDM = 200 V/V.
FIGURE 2-4:
Input Offset Voltage.
FIGURE 2-5:
Linear Input Offset Voltage
Drift.
FIGURE 2-6:
1/CMRR.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
-80
-60
-40
-20
0
20406080
Input Offset Voltage ( V)
Gain = 50
Gain = 100
Gain = 200
T
A = +25°C
36 Samples for
each gain
0
5
10
15
20
25
30
35
40
45
-0.12
-0.09
-0.06
-0.03
0
0.03
0.06
0.09
0.12
Input Offset Voltage Drift; TC1 (μV/°C)
Gain = 50
Gain = 100
Gain = 200
36 Samples for each gain
T
A = -40°C to +125°C
0
10
20
30
40
50
60
70
80
-3.50 -2.95 -2.41 -1.86 -1.32 -0.77 -0.23 0.32
0.86
2.50
1/CMRR ( V/V)
Gain = 50
Gain = 100
Gain = 200
36 Samples for each gain
T
A = 25°C
V
CM = 0V to 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com