Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6C26 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 12Page - Microchip Technology MCP6C26 Datasheet HTML 13Page - Microchip Technology MCP6C26 Datasheet HTML 14Page - Microchip Technology MCP6C26 Datasheet HTML 15Page - Microchip Technology MCP6C26 Datasheet HTML 16Page - Microchip Technology MCP6C26 Datasheet HTML 17Page - Microchip Technology MCP6C26 Datasheet HTML 18Page - Microchip Technology MCP6C26 Datasheet HTML 19Page - Microchip Technology MCP6C26 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
MCP6C26
DS20006928A-page 18
 2024 Microchip Technology Inc. and its subsidiaries
Note:
Unless otherwise indicated, TA =+25°C, VDD = 2.7V to 5.5V, VSS = GND, VCM =15V, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF; see Figure 1-5, Figure 1-6 and Figure 1-7.
2.3
Frequency Response
FIGURE 2-28:
Gain vs. Frequency.
FIGURE 2-29:
Phase vs. Frequency.
FIGURE 2-30:
CMRR vs. Frequency.
FIGURE 2-31:
PSRR vs. Frequency.
FIGURE 2-32:
Closed-Loop Output
Impedance Magnitude vs. Frequency.
-20
-10
0
10
20
30
40
50
60
70
1000
10000
100000
1000000
Frequency; f (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
100k
1M
-200
-150
-100
-50
0
50
1000
10000
100000
1000000
Frequency (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
1000
10000
100000
Frequency (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
V
DD = 5.5V
V
CM = 0V to 36V
100k
0
10
20
30
40
50
60
70
80
90
1000
10000
100000
1000000
Frequency (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
100k
1M
10
100
1000
1000
10000
100000
1000000
Frequency (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com