Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6C26 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology MCP6C26 Datasheet HTML 10Page - Microchip Technology MCP6C26 Datasheet HTML 11Page - Microchip Technology MCP6C26 Datasheet HTML 12Page - Microchip Technology MCP6C26 Datasheet HTML 13Page - Microchip Technology MCP6C26 Datasheet HTML 14Page - Microchip Technology MCP6C26 Datasheet HTML 15Page - Microchip Technology MCP6C26 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
MCP6C26
DS20006928A-page 14
 2024 Microchip Technology Inc. and its subsidiaries
Note:
Unless otherwise indicated, TA =+25°C, VDD =2.7Vto5.5V, VSS = GND, VCM =15V, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL =30pF; see Figure 1-5, Figure 1-6 and Figure 1-7.
FIGURE 2-7:
1/PSRR.
FIGURE 2-8:
CMRR vs. Ambient
Temperature.
FIGURE 2-9:
PSRR vs. Ambient
Temperature.
FIGURE 2-10:
Input Offset Voltage vs.
Power Supply Voltage, with GDM =50.
FIGURE 2-11:
Input Offset Voltage vs.
Power Supply Voltage, with GDM = 100.
FIGURE 2-12:
Input Offset Voltage vs.
Power Supply Voltage, with GDM = 200.
0
5
10
15
20
25
30
35
40
45
50
-8
-7
-6
-5
-4
-3
-2
1/PSRR (μV/V)
Gain = 50
Gain = 100
Gain = 200
Gain = 50: 28 Samples
Gain = 100: 35 Samples
Gain = 200: 35 Samples
T
A = 25°C
100
105
110
115
120
125
130
135
140
145
150
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (°C)
Gain = 50
Gain = 100
Gain = 200
36 Samples for each gain
V
CM = 0V to 36V
110
115
120
125
130
135
140
145
150
-50
0
50
100
150
Temperature (°C)
Gain = 50
Gain = 100
Gain = 200
36 Samples for each gain
V
DD = 2.7V to 5.5V
-100
-80
-60
-40
-20
0
20
40
60
80
100
1234
56
Power Supply Voltage; V
DD (V)
T
A = 25°C
V
CM = 15V
40 Samples
-100
-80
-60
-40
-20
0
20
40
60
80
100
1234
56
Power Supply Voltage; V
DD (V)
T
A = 25°C
V
CM = 15V
40 Samples
-100
-80
-60
-40
-20
0
20
40
60
80
100
12345
6
Power Supply Voltage; V
DD (V)
T
A = 25°C
V
CM = 15V
39 Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com