Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6C26 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 10Page - Microchip Technology MCP6C26 Datasheet HTML 11Page - Microchip Technology MCP6C26 Datasheet HTML 12Page - Microchip Technology MCP6C26 Datasheet HTML 13Page - Microchip Technology MCP6C26 Datasheet HTML 14Page - Microchip Technology MCP6C26 Datasheet HTML 15Page - Microchip Technology MCP6C26 Datasheet HTML 16Page - Microchip Technology MCP6C26 Datasheet HTML 17Page - Microchip Technology MCP6C26 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
MCP6C26
DS20006928A-page 16
 2024 Microchip Technology Inc. and its subsidiaries
Note:
Unless otherwise indicated, TA =+25°C, VDD = 2.7V to 5.5V, VSS = GND, VCM =15V, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF; see Figure 1-5, Figure 1-6 and Figure 1-7.
2.2
Other DC Voltages and Currents
FIGURE 2-19:
Input Bias Current (IBP, IBM)
vs. Input Common-Mode Voltage.
FIGURE 2-20:
Output Voltage Range vs.
Output Current.
FIGURE 2-21:
Supply Current vs. Power
Supply Voltage, Ambient Temperature.
FIGURE 2-22:
Supply Current vs. Power
Supply Voltage, Gain.
FIGURE 2-23:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-24:
Gain Error vs. Temperature.
-10
0
10
20
30
40
50
60
-5
0
5
10
15
20
25
30
35
40
Common-Mode Input Voltage; V
CM (V)
V
DD = 5.5V
T
A = -40°C to 125°C
Typical for all gains
1
10
100
1000
0.1
1
10
100
Output Current Magnitude; |I
OUT| (mA)
-40°C
25°C
125°C
-20
-10
0
10
20
30
40
50
60
70
0123456
V
DD (V)
-40°C
25°C
85°C
125°C
Gain = 200
V
CM = 15V
Representative Part
-20
-10
0
10
20
30
40
50
60
70
0123456
V
DD (V)
Gain = 50
Gain = 100
Gain = 200
V
CM = 15V
T
A = 25°C
Representative Part
-40
-30
-20
-10
0
10
20
30
0
123456
Power Supply Voltage; V
DD (V)
-40°C
25°C
85°C
125°C
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Representative Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com