Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3-P1.5R Datasheet(PDF) 7 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 3Page - OSRAM GmbH C3-P1.5R Datasheet HTML 4Page - OSRAM GmbH C3-P1.5R Datasheet HTML 5Page - OSRAM GmbH C3-P1.5R Datasheet HTML 6Page - OSRAM GmbH C3-P1.5R Datasheet HTML 7Page - OSRAM GmbH C3-P1.5R Datasheet HTML 8Page - OSRAM GmbH C3-P1.5R Datasheet HTML 9Page - OSRAM GmbH C3-P1.5R Datasheet HTML 10Page - OSRAM GmbH C3-P1.5R Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
AS1170
Absolute maximum ratings
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
7 / 53
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings of AS1170
Parameter
Min
Max
Unit
Comments
VIN to GND
-0.3
+7.0
V
Strobe, SCL, SDA to GND
-0.3
VIN + 0.3
V
Max. +7 V
SW1/2, VOUT1/2, LED_OUT1/2 to
GND
-0.3
+7.0
V
VOUT1/2 to SW1/2
-0.3
0.0
V
Note: Diode between VOUT1/2
and SW1/2
Voltage between GND pins
0.0
0.0
V
Short connection recommended
Input pin current without causing
latchup
-100
+100 + IIN
mA
EIA/JESD78
Continuous power dissipation
(TA = +70 °C)
Continuous power dissipation
1230
mW
PT @ 70 °C
Continuous power dissipation
de-rating factor
16.7
mW/K
PDERATE2
Electrostatic discharge
ESDHBM
Pins LED_OUT1/23
±8000
V
JEDEC JESD22-A114F
ESDHBM
±2000
V
ESDCDM
±500
V
JS-002-2022
ESDMM
±100
V
JESD22-A115C
Temperature ranges and storage conditions
Junction to ambient thermal
resistance
604
K/W
Junction temperature
150
°C
Internally limited (over temperature
protection), max. 20000s
Storage temperature range
-55
125
°C
Humidity
5
85
%
Non condensing
Body temperature during soldering
260
°C
According to IPC/JEDEC J-STD-
020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com