Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3-P1.5R Datasheet(PDF) 46 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 42Page - OSRAM GmbH C3-P1.5R Datasheet HTML 43Page - OSRAM GmbH C3-P1.5R Datasheet HTML 44Page - OSRAM GmbH C3-P1.5R Datasheet HTML 45Page - OSRAM GmbH C3-P1.5R Datasheet HTML 46Page - OSRAM GmbH C3-P1.5R Datasheet HTML 47Page - OSRAM GmbH C3-P1.5R Datasheet HTML 48Page - OSRAM GmbH C3-P1.5R Datasheet HTML 49Page - OSRAM GmbH C3-P1.5R Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
AS1170
Application information
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
46 / 53
/
10
Application information
10.1
External components
10.1.1
Input capacitor CVIN
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn
from the battery. Ceramic capacitors are required for input decoupling and should be located
as close to the device as is practical.
Table 21: Recommended input capacitor
Part number
C
TC
code
Rated
voltage
Size
Manufacturer
GRM188R60J106ME47
10 µF >3 µF @ 4.5 V > 2 µF @ 5.25 V
X5R
6.3 V
0603
Murata
LMK107BBJ106MA
10 µF > 3 µF @ 4.5 V
X5R
6.3 V
0603
Taiyo Yuden
If a different input capacitor is chosen, ensure similar ESR value and at least 3 µF capacitance
at the maximum input supply voltage. Larger capacitor values (C) may be used without
limitations.
Add a smaller capacitor in parallel to the input pin VIN (e.g. Murata GRM155R61C104, >50 nF
@ 3 V, 0402 size).
10.1.2
Output capacitor CVOUT
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors
are recommended since they have extremely low ESR and are available in small footprints.
The capacitor should be located as close to the device as is practical.
X5R dielectric material is recommended due to their ability to maintain capacitance over wide
voltage and temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com