Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3-P1.5R Datasheet(PDF) 32 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 28Page - OSRAM GmbH C3-P1.5R Datasheet HTML 29Page - OSRAM GmbH C3-P1.5R Datasheet HTML 30Page - OSRAM GmbH C3-P1.5R Datasheet HTML 31Page - OSRAM GmbH C3-P1.5R Datasheet HTML 32Page - OSRAM GmbH C3-P1.5R Datasheet HTML 33Page - OSRAM GmbH C3-P1.5R Datasheet HTML 34Page - OSRAM GmbH C3-P1.5R Datasheet HTML 35Page - OSRAM GmbH C3-P1.5R Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
32 / 53
/
The AS1170 can operate in the following two modes:
1. Slave receiver mode (write mode):
Serial data and clock are received through SDA and SCL. After each byte is received an
acknowledge bit is transmitted. START and STOP conditions are recognized as the
beginning and end of a serial transfer. Address recognition is performed by hardware after
reception of the slave address and direction bit. The slave address byte is the first byte
received after the master generates the START condition. The slave address byte contains
the 7-bit AS1170 address, which is 0x30 (or 0x32 if I²C address select pin is high), followed
by the direction bit (R/W), which, for a write, is 011. After receiving and decoding the slave
address byte the device outputs an acknowledge on the SDA line. After the AS1170
acknowledges the slave address + write bit, the master transmits a register address to the
AS1170. This sets the register pointer on the AS1170. The master may then transmit zero
or more bytes of data, with the AS1170 acknowledging each byte received. The address
pointer will increment after each data byte is transferred. The master generates a STOP
condition to terminate the data write.
2. Slave transmitter mode (read mode):
The first byte is received and handled as in the slave receiver mode. However, in this
mode, the direction bit indicates that the transfer direction is reversed. Serial data is
transmitted on SDA by the AS1170 while the serial clock is input on SCL. START and
STOP conditions are recognized as the beginning and end of a serial transfer. The slave
address byte is the first byte received after the master generates a START condition. The
slave address byte contains the 7-bit AS1170 address, which is 0x30 (or 0x32 if I²C
address select pin is high), followed by the direction bit (R/W), which, for a read, is 112.
After receiving and decoding the slave address byte the device outputs an acknowledge on
the SDA line. The AS1170 then begins to transmit data starting with the register address
pointed to by the register pointer. If the register pointer is not written to before the initiation
of a read mode the first address that is read is the last one stored in the register pointer.
The AS1170
must receive a “not acknowledge” to end a read.
11 The address for writing to the AS1170 is 60h = 01100000b ; or 64h if address select pin is high = 01100010b
12 The address for reading from the AS1170 is 61h = 01100001b ; or 65h if address select pin is high = 01100011b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com