Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3-P1.5R Datasheet(PDF) 38 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 34Page - OSRAM GmbH C3-P1.5R Datasheet HTML 35Page - OSRAM GmbH C3-P1.5R Datasheet HTML 36Page - OSRAM GmbH C3-P1.5R Datasheet HTML 37Page - OSRAM GmbH C3-P1.5R Datasheet HTML 38Page - OSRAM GmbH C3-P1.5R Datasheet HTML 39Page - OSRAM GmbH C3-P1.5R Datasheet HTML 40Page - OSRAM GmbH C3-P1.5R Datasheet HTML 41Page - OSRAM GmbH C3-P1.5R Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
38 / 53
/
Addr: 5
Flash timer register
Bit
Bit name
Default
Access
Bit description
...
...
FEh
1144 ms
FFh
1152 ms
(1) This register identifies the flash timer and timeout settings.
(2) At maximum output current the flash duration should be limited to 120 ms (depending of VF of the LED, thermal design and
ambient temperature) to avoid overheating of the AS1170.
(3) Internal calculation for codes above 7Fh: flash timeout [ms] = (flash_timeout-127) * 8 + 256 [ms]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com