Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3-P1.5R Datasheet(PDF) 20 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 16Page - OSRAM GmbH C3-P1.5R Datasheet HTML 17Page - OSRAM GmbH C3-P1.5R Datasheet HTML 18Page - OSRAM GmbH C3-P1.5R Datasheet HTML 19Page - OSRAM GmbH C3-P1.5R Datasheet HTML 20Page - OSRAM GmbH C3-P1.5R Datasheet HTML 21Page - OSRAM GmbH C3-P1.5R Datasheet HTML 22Page - OSRAM GmbH C3-P1.5R Datasheet HTML 23Page - OSRAM GmbH C3-P1.5R Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
20 / 53
/
7.5.1
Over temperature protection
The junction temperature of the AS1170 is continuously monitored. If the temperature exceeds
TOVTEMP, the DCDC is stopped, the current sinks are disabled (instantaneous) and the bit
fault_overtemp is set. The driver is automatically re-enabled10 once the junction temperature
drops below TOVTEMP-TOVTEMPHYST.
7.5.2
Flash timeout
If the flash is started a timeout timer is started in parallel. If the flash duration defined by the
STROBE input (strobe_on = 1 and strobe_type = 1) exceeds tFLASHTIMEOUT (adjustable by
register), the DCDC is stopped and the flash current sinks (on pin LED_OUT1/2) are disabled
and fault_timeout is set.
If the flash duration is defined by the timeout timer itself (strobe_on = 0, the register
fault_timeout is set after the flash has been finished.
7.5.3
Supply undervoltage protection
If the voltage on the pin VIN (=battery voltage) is or falls below VUVLO, the AS1170 is kept in
shutdown state and all registers are set to their default state.
7.5.4
Wakeup circuit - power off detection
In flash, assist light and indicator mode (register mode_setting=01, 10 or 11) and out_on=1, if
SCL is L for more than tTIMEOUT, shutdown mode is automatically entered. This feature
automatically detects a power-off of the controlling circuit driving SCL and SDA (VDD_I/F goes
to 0 V e.g. due to a low power condition of the driving circuit).
10 In constant voltage mode (const_v_mode=1) the DCDC will not be automatically re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com