Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103V8H6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F103V8H6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8H6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F103V8H6 Datasheet HTML 59Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 60Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 61Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 62Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 63Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 64Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 65Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 66Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Package characteristics
STM32F103xx
64/67
6.1
Thermal characteristics
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x ΘJA)
(1)
Where:
●
TA is the Ambient Temperature in ° C,
●
Θ
JA is the Package Junction-to-Ambient Thermal Resistance, in ° C/W,
●
PD is the sum of PINT and PI/O (PD = PINT + PI/O),
●
PINT is the product of IDD and VDD, expressed in Watts. This is the Chip Internal Power.
PI/O represents the Power Dissipation on Input and Output Pins;
Most of the time for the application PI/O< PINT and can be neglected. On the other hand, PI/O
may be significant if the device is configured to drive continuously external modules and/or
memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273 °C)
(2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273°C) + ΘJA x PD
2
(3)
where:
K is a constant for the particular part, which may be determined from equation (3) by
measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ
may be obtained by solving equations (1) and (2) iteratively for any value of TA.
Table 46.
Thermal characteristics
Symbol
Parameter
Value
Unit
Θ
JA
Thermal resistance junction-ambient
LFBGA100 - 10 x 10 mm / 0.5 mm pitch
41
°C/W
Thermal resistance junction-ambient
LQFP100 - 14 x 14 mm / 0.5 mm pitch
46
Thermal Resistance Junction-Ambient
LQFP64 - 10 x 10 mm / 0.5 mm pitch
45
Thermal resistance junction-ambient
LQFP48 - 7 x 7 mm / 0.5 mm pitch
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com