Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103V8H6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F103V8H6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8H6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F103V8H6 Datasheet HTML 10Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 11Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 12Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 13Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 14Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 15Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 16Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 17Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Description
STM32F103xx
14/67
Figure 1.
STM32F103xx performance line block diagram
1.
TA = –40 °C to +105 °C (junction temperature up to 125 °C).
2.
AF = alternate function on I/O port pin.
USBDP/CANTX
PA[15:0]
EXTI
WW DG
12bit ADC1
JTAG & SWD
16AF
JTDI
JTCK/SWCLK
JTMS/SWDIO
JNTRST
JTDO
NRST
VDD = 2 to 3.6V
80AF
PB[15:0]
PC[15:0]
AHB2
MOSI,MISO,SCK,NSS
SRAM
2x(8x16bit)
WAKEUP
GPIOA
GPIOB
GPIOC
Fmax: 72 MHz
VSS
SCL,SDA
I2C2
VREF+
GP DMA
TIM2
TIM3
XTAL OSC
4-16 MHz
XTAL 32 kHz
OSC_IN
OSC_OUT
OSC32_OUT
OSC32_IN
PLL &
PCLK1
HCLK
CLOCK
MANAGT
PCLK2
as AF
as AF
FLASH 128 KB
VOLT. REG.
3.3V TO 1.8V
POWER
Backup interface
as AF
TIM 4
64 bit
20 KB
RTC
RC 8 MHz
CORTEX M3 CPU
Ibus
Dbus
pbus
SRAM 512B
Trace
Controller
USART1
USART2
SPI2
bxCAN
7 channels
Backup
reg
4 Channels
TIM1
3 compl. Channels
SCL,SDA,SMBAL
I2C1
as AF
RX,TX, CTS, RTS,
USART3
Temp sensor
VREF-
PD[15:0]
GPIOD
PE[15:0]
GPIOE
Brk input
4 Channels
4 Channels
8 Channels
FCLK
RC 32 kHz
Standby
IWDG
@VBAT
POR / PDR
SUPPLY
@VDDA
VDDA
VSSA
@VDDA
VBAT
SmartCard as AF
RX,TX, CTS, RTS,
SmartCard as AF
RX,TX, CTS, RTS,
SmartCard as AF
NVIC
SPI1
MOSI,MISO,
SCK,NSS as AF
12bit ADC2
IF
IF
IF
interface
@VDDA
SUPERVISION
PVD
Rst
Int
@VDD
AHB2
APB2
APB1
AWU
ANTI_TAMP
@VDD
USB 2.0 FS
USBDM/CANRX
System
ai14390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com