Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103V8H6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F103V8H6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8H6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F103V8H6 Datasheet HTML 29Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 30Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 31Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 32Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 33Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 34Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 35Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 36Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
STM32F103xx
Electrical characteristics
33/67
5.3.6
External clock source characteristics
High-speed external user clock
The characteristics given in Table 15 result from tests performed using an high-speed
external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 7.
Low-speed external user clock
The characteristics given in Table 16 result from tests performed using an low-speed
external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 7.
Table 15.
High-speed external (HSE) user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency(1)
1.
Value based on design simulation and/or technology characteristics. It is not tested in production.
825
MHz
VHSEH
OSC_IN input pin high level
voltage
0.7VDD
VDD
V
VHSEL
OSC_IN input pin low level
voltage
VSS
0.3VDD
tw(HSE)
tw(HSE)
OSC_IN high or low time(1)
16
ns
tr(HSE)
tf(HSE)
OSC_IN rise or fall time(1)
5
IL
OSC_IN Input leakage
current
VSS ≤VIN ≤VDD
±1
µA
Table 16.
Low-speed external user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User External clock source
frequency(1)
1.
Value based on design simulation and/or technology characteristics. It is not tested in production.
32.768
1000
kHz
VLSEH
OSC32_IN input pin high level
voltage
0.7VDD
VDD
V
VLSEL
OSC32_IN input pin low level
voltage
VSS
0.3VDD
tw(LSE)
tw(LSE)
OSC32_IN high or low time(1)
450
ns
tr(LSE)
tf(LSE)
OSC32_IN rise or fall time(1)
5
IL
OSC32_IN Input leakage
current
VSS ≤VIN ≤VDD
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com