Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103V8H6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32F103V8H6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8H6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F103V8H6 Datasheet HTML 23Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 24Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 25Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 26Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 27Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 28Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 29Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 30Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
STM32F103xx
Electrical characteristics
27/67
5.3
Operating conditions
5.3.1
General operating conditions
5.3.2
Operating conditions at power-up / power-down
The parameters given in Table 8 are derived from tests performed under the ambient
temperature condition summarized in Table 7.
Table 8.
Operating conditions at power-up / power-down
Table 6.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature (see Thermal characteristics)
Table 7.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
0
72
MHz
fPCLK1
Internal APB1 clock frequency
0
36
fPCLK2
Internal APB2 clock frequency
0
72
VDD
Standard operating voltage
2
3.6
V
VBAT
Backup operating voltage
1.8
3.6
V
TA
Ambient temperature range
−40
105
°C
Symbol
Parameter
Conditions
Min
Typ Max
Unit
tVDD
VDD rise/fall time rate
20
µs/V
20
ms/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com