Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103V8H6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F103V8H6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8H6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F103V8H6 Datasheet HTML 39Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 40Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 41Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 42Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 43Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 44Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 45Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 46Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
STM32F103xx
Electrical characteristics
43/67
5.3.12
I/O port pin characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 29 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 7.
All unused pins must be held at a fixed voltage, by using the I/O output mode, an external
pull-up or pull-down resistor (see Figure 15).
Table 29.
I/O static characteristics(1)
1.
VDD = 3.3 V, TA = −40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(2)
2.
Values based on characterization results, and not tested in production.
TTL ports
–0.5
0.8
V
VIH
IO TC input high level
voltage(2)
2VDD+0.5
IO FT high level voltage(2)
25.5V
VIL
Input low level voltage(2)
CMOS ports
–0.5
0.35 VDD
V
VIH
Input high level voltage(2)
0.65 VDD
VDD+0.5
Vhys
IO TC Schmitt trigger voltage
hysteresis(3)
3.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
200
mV
IO TC Schmitt trigger voltage
hysteresis(3)
5% VDD
(4)
4.
With a minimum of 100 mV.
mV
Ilkg
Input leakage current (5)
5.
Leakage could be higher than max. if negative current is injected on adjacent pins.
VSS ≤VIN ≤VDD
Standard I/Os
±1
µA
VIN= 5 V
5 V tolerant I/Os
3
RPU
Weak pull-up equivalent
resistor(6)
6.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable
PMOS/NMOS. This MOS/NMOS contribution to the series resistance is minimum (~10% order)
.
VIN = VSS
30
40
50
k
Ω
RPD
Weak pull-down equivalent
resistor(6)
VIN = VDD
30
40
50
k
Ω
CIO
I/O pin capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com