| Electronic Components Datasheet Search |
|
PPC405EX-SPAFFFTX Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405EX-SPAFFFTX Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation |
|
12 / 67 page ![]() PPC405EX – PowerPC 405EX Embedded Processor 12 AMCC Proprietary Revision 1.09 - August 21, 2007 Preliminary Data Sheet • Media Access Control Security (MACSec) features – Cipher suite GCM-AES-128 – Header insertion and removal – Integrity and confidentiality with MSDU • SGT L2 supported features: – GCM-AES with 128-bit key. – Integrity only and with confidentiality of MSDU • ICV generation and validation SGT L3 supported features – AES-GCM, AES-GMAC with 128, 192 and 256 bit key. • IPsec/SSL security acceleration engine • DES, 3DES, AES, ARC-4, AES-GCM, and GMAC-AES encryption/decryption • MD-5, SHA-1, and SHA-256 hashing • Public key acceleration for RSA, DSA and Diffie-Hellman • Combined encryption-hash and hash-decryption with the AES-CCM algorithm. • True or pseudo random number generators – Non-deterministic true random numbers – Pseudo random numbers with lengths of 8B or 16B – ANSI X9.17 Annex C compliant using a DES algorithm • Interrupt controller – Fifteen programmable, maskable interrupts – Initiate commands via an input interrupt – Sixteen programmable interrupts indicating completion of certain operations – All interrupts mapped to one level- or edge-sensitive programmable interrupt output • DMA controller – Autonomous, 4-channel – 1024-words (32 bits/word) per DMA transfer – Scatter/gather capability with byte aligned addressing – Byte reverse capability on SA and descriptors UART The Universal Asynchronous Receiver/Transmitter (UART) interface provides four configurations: • One 8-signal port • Two 4-signal ports. • Two 2-signal ports • One 4-signal port and one 2-signal port The UART performs serial-to-parallel conversion on data received from a peripheral device or a modem, and parallel-to-serial conversion on data received from the processor. Features include: • Compatible with the16750 • All six software modem control functions (CTS, RTS, DSR, DTR, RI, DCD) on UART0 • Programmable auto flow (data flow controlled by RTS and CTS signals) • Characters can be 5, 6, 7, or 8 bits • Programmable start, stop, parity bit insertion • Sixty-four byte FIFOs for buffering Tx and Rx data • LIN sub-bus specification compliant - line break generation/detection and false start bit detection • Programmable internal/external loopback capabilities • Low Power and Sleep mode • Register conformance (after reset) to configuration of the NS16450 register set • Hold and shift registers (eliminate need for precise synchronization between processor and serial data in character mode) • Complete status reporting • Full prioritized interrupt system controls |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |