Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 56 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 56 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 60Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
56
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
JTAG Interface
TCK
na
na
TDI
na
na
TDO
15.75
10.46
TMS
na
na
TRST
na
na
System Interface
GPIO00:10
11.08
7.37
GPIO11:15
5.51
7.23
GPIO16:27
11.08
7.37
GPIO28
15.75
10.46
GPIO29:31
11.08
7.37
Halt
na
na
SysErr
5.51
7.23
SysReset
5.51
7.23
TestEn
na
na
Table 17. I/O Specifications—All CPU Speeds (Sheet 2 of 2)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
IOH
(min)
IOL
(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com