| Electronic Components Datasheet Search |
|
PPC405EX-SPAFFFTX Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405EX-SPAFFFTX Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation |
|
14 / 67 page ![]() PPC405EX – PowerPC 405EX Embedded Processor 14 AMCC Proprietary Revision 1.09 - August 21, 2007 Preliminary Data Sheet General Purpose I/O (GPIO) Controller The GPIO controller enables multiplexing of module I/O pins with multiple functions within the chip. That is, a single package pin can be assigned to multiple I/O functions. Which function the pin is assigned to is determined by register bit settings controlled by software. This significantly reduces the number of package pins needed to support multiple I/O groups. Features include: • Up to 32 GPIOs available – GPIOs are multiplexed with alternate functions – If not in use for dedicated functions, I/Os are available as GPIOs • Direct control of all functions from registers programmed by means of OPB bus master accesses • Time multiplexing of controller outputs to module outputs • Programmable conversion of module outputs to open-drain outputs (enables sharing of active low outputs externally) • Time multiplexing of module inputs to controller inputs Universal Interrupt Controller (UIC) The Universal Interrupt Controller (UIC) provides the control, status, and communications necessary between the various sources of interrupts and the PPC405 processor. Features include: • Ten external interrupt sources supported • Generate interrupt on level (high or low) or edge (rising or falling) • Programmable as synchronous (edge-capture or level-sensitive) or asynchronous (edge- or level-sensitive triggering) • Each interrupt source/bit programmable as critical or non critical • DCR bus interface is 32 bits wide • Optional interrupt handler vector generation – Programmable vector base address – Programmable vector offset size – Programmable interrupt priority ordering • Programmable polarity for all interrupt types • Interrupts of the same type do not need to be in contiguous bit positions • Status registers provide: current state of all interrupts, current state of enabled interrupts Gigabit Ethernet The Ethernet support provides two Gigabit (10/100/1000 Mbps) interfaces (GMII/RGMII ). Features include: • ANSI/IEEE Std. 802.3 and IEEE 802.3u supplement compliant • Half-duplex and full-duplex supported • Receive FIFOs are 512 bytes with programmable thresholds • FCS control for transmit/receive packets • Multiple packet handling in transmit and receive FIFOs • Unicast, multicast, broadcast, and promiscuous address filtering • Two 256-bit hash filters for unicast and multicast frames • Automatic retransmission of collided frames • Runt frame rejection • Programmable inter-frame gap • IEEE 802.3x compliant for frame-based flow control mechanism, including self-assembled control frame transmitting) • Wake-on-LAN and Power-over-Internet supported |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |