Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 45 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
45
Preliminary Data Sheet
Ratings and Specifications
Table 7. Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device. None of the performance specification contained in this document are guaranteed when
operating at these maximum ratings.
Characteristic
Symbol
Value
Unit
Notes
Supply Voltage (Internal Logic)
VDD
0 to +1.6
V
Core SerDes Analog Supply Voltage
AVDD
0 to +1.6
V
1
PLL SerDes Analog Supply Voltage
AHVDD
0 to +2.6
V
1
I/O Supply Voltage
OVDD
0 to +3.6
V
SDRAM DDR1(2) Supply Voltage
SVDD
0 to +2.6 (+1.9)
V
CMOS Supply Voltage
EOVDD
0 to +2.6
V
System PLL Analog Supply Voltage
SAVDD
0 to +2.6
V
1
Ethernet PLL Analog Supply Voltage
EAVDD
0 to +2.6
V
1
Input Voltage (3.3V LVTTL receivers)
VIN
0 to +3.6
V
Storage Temperature Range
TSTG
−55 to +150
°C
Case Temperature Range under bias
TC
−40 to +120
°C
Junction Temperature Range
TJMax
−40 to +125
°C
1. The analog voltages can be derived from the +1.2V and +2.5V supplies, but must be filtered as shown below before entering
the PPC405EX. Use a separate filter for each voltage. This circuit can be used for AVDD, AHVDD , SAVDD, and EAVDD. Use
AGND with AVDD and AHVDD. Use SAGND with SAVDD. Use EAGND with EAVDD. These analog grounds must be brought
out and connected to the digital ground plane at the filter capacitor. Keep all wire lengths as short as possible.
VDD
C1
AVDD
L1
L1 – Murata BLM18AG121SN1D
C1 – 0.1
μF ceramic
AGND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com