Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 58 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 58 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 62Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
58
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
DDR 1/2 SDRAM I/O Specifications
The DDR SDRAM controller times its operation using the internal PLB clock signal and generates MemClkOut from
the PLB clock. The PLB clock is an internal signal that cannot be directly observed. However MemClkOut is the
same frequency as the PLB clock signal and is in phase with the PLB clock signal.
Note: MemClkOut can be advanced with respect to the PLB clock by means of the SDRAM0_CLKTR
programming register. In a typical system, users advance MemClkOut by 90
°. This depends on the specific
application and requires a thorough understanding of the memory system in general (refer to the DDR
SDRAM Controller chapter in the PPC405EX Embedded Processor User’s Manual).
The signals are terminated as indicated in Figure 6 for the DDR timing data in the following sections.
Board Layout Restrictions
TBP
Clocking
TBP
Figure 6. DDR SDRAM Simulation Signal Termination Model
DDR2 SDRAM On-Die Termination Impedance Setting
For all DDR2 applications, the On-Die Termination (ODT) impedance value must be set to 75 ohms in the DIMM
Extended Mode Register (EMR) in order to optimize the data transmission during memory write operations.
10pF
10pF
MemClkOut
MemClkOut
120
Ω
50
Ω
30pF
Addr/Ctrl/Data/DQS/DM (DDR1)
VTT = SOVDD/2
PPC405EX
Addr/Ctrl (DDR2)
Note: This diagram illustrates the model of the DDR SDRAM interface used when generating simulation timing data.
It is not a recommended physical circuit design for this interface. An actual interface design will depend on many
factors, including the type of memory used and the board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com