| Electronic Components Datasheet Search |
|
PIC18F6X2X Datasheet(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6X2X Datasheet(HTML) 129 Page - Microchip Technology |
|
129 / 386 page ![]() 2003 Microchip Technology Inc. Advance Information DS39612A-page 127 PIC18F6X2X/8X2X 10.9 PORTJ, TRISJ and LATJ Registers PORTJ is an 8-bit wide, bi-directional port. The corre- sponding Data Direction register is TRISJ. Setting a TRISJ bit (= 1) will make the corresponding PORTJ pin an input (i.e., put the corresponding output driver in a high-impedance mode). Clearing a TRISJ bit (= 0) will make the corresponding PORTJ pin an output (i.e., put the contents of the output latch on the selected pin). The Data Latch register (LATJ) is also memory mapped. Read-modify-write operations on the LATJ register, read and write the latched output value for PORTJ. PORTJ is multiplexed with the system bus as the exter- nal memory interface; I/O port functions are only avail- able when the system bus is disabled. When operating as the external memory interface, PORTJ provides the control signal to external memory devices. The RJ5 pin is not multiplexed with any system bus functions. When enabling peripheral functions, care should be taken in defining TRIS bits for each PORTJ pin. Some peripherals override the TRIS bit to make a pin an out- put, while other peripherals override the TRIS bit to make a pin an input. The user should refer to the corre- sponding peripheral section for the correct TRIS bit settings. The pin override value is not loaded into the TRIS reg- ister. This allows read-modify-write of the TRIS register without concern due to peripheral overrides. EXAMPLE 10-9: INITIALIZING PORTJ FIGURE 10-21: PORTJ BLOCK DIAGRAM IN I/O MODE Note: PORTJ is available only on PIC18F8X2X devices. Note: On a Power-on Reset, these pins are configured as digital inputs. CLRF PORTJ ; Initialize PORTG by ; clearing output ; data latches CLRF LATJ ; Alternate method ; to clear output ; data latches MOVLW 0xCF ; Value used to ; initialize data ; direction MOVWF TRISJ ; Set RJ3:RJ0 as inputs ; RJ5:RJ4 as output ; RJ7:RJ6 as inputs Data Bus WR LATJ WR TRISJ RD PORTJ Data Latch TRIS Latch RD TRISJ Schmitt Trigger Input Buffer I/O pin(1) Q D CK Q D CK EN QD EN RD LATJ or PORTJ Note 1: I/O pins have diode protection to VDD and VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |