Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 49Page - Texas Instruments TMS320VC5510 Datasheet HTML 50Page - Texas Instruments TMS320VC5510 Datasheet HTML 51Page - Texas Instruments TMS320VC5510 Datasheet HTML 52Page - Texas Instruments TMS320VC5510 Datasheet HTML 53Page - Texas Instruments TMS320VC5510 Datasheet HTML 54Page - Texas Instruments TMS320VC5510 Datasheet HTML 55Page - Texas Instruments TMS320VC5510 Datasheet HTML 56Page - Texas Instruments TMS320VC5510 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Electrical Specifications
53
June 2000 − Revised September 2007
SPRS076O
5.6
Clock Options
This section provides the timing requirements and switching characteristics for the various clock options
available on the 5510/5510A.
5.6.1 Clock Generation in Bypass Mode (DPLL Disabled)
The frequency of the reference clock provided at the CLKIN pin can be divided by a factor of one, two, or four
to generate the internal CPU clock cycle. The divide factor (D) is set in the BYPASS_DIV field of the clock mode
register. The contents of this field only affect clock generation while the device is in bypass mode. In this mode,
the digital phase-locked loop (DPLL) clock synthesis is disabled.
Table 5−1 and Table 5−2 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−2).
Table 5−1. CLKIN in Bypass Mode Timing Requirements
NO.
VC5510/5510A-160
VC5510/5510A-200
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
C7
tc(CI)
Cycle time, CLKIN
20
†
20
†
ns
C8
tf(CI)
Fall time, CLKIN
6
6
ns
C9
tr(CI)
Rise time, CLKIN
6
6
ns
C10
tw(CIL)
Pulse duration, CLKIN low
4
4
ns
C11
tw(CIH) Pulse duration, CLKIN high
4
4
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
Table 5−2. CLKOUT in Bypass Mode Switching Characteristics
NO.
PARAMETER
VC5510/5510A-160
VC5510/5510A-200
UNIT
NO.
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
C1
tc(CO)
Cycle time, CLKOUT
20
tc(CI)/N‡
20
tc(CI)/N‡
ns
C2
td(CI-CO)
Delay time, CLKIN high/low to CLKOUT high/low
1
7
14
1
7
14
ns
C3
tf(CO)
Fall time, CLKOUT
1
1
ns
C4
tr(CO)
Rise time, CLKOUT
1
1
ns
C5
tw(COL)
Pulse duration, CLKOUT low
H−1
H+1
H−1
H+1
ns
C6
tw(COH)
Pulse duration, CLKOUT high
H−1
H+1
H−1
H+1
ns
‡ N = Clock frequency synthesis factor
C4
C3
CLKOUT
CLKIN
C5
C2
C8
C9
C1
C7
C6
C11
C10
NOTE A: The relationship of CLKIN to CLKOUT depends on the divide factor chosen. The waveform relationship shown in Figure 5−2 is intended
to illustrate the timing parameters only and may differ based on configuration.
Figure 5−2. Bypass Mode Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com