Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 85 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 81Page - Texas Instruments TMS320VC5510 Datasheet HTML 82Page - Texas Instruments TMS320VC5510 Datasheet HTML 83Page - Texas Instruments TMS320VC5510 Datasheet HTML 84Page - Texas Instruments TMS320VC5510 Datasheet HTML 85Page - Texas Instruments TMS320VC5510 Datasheet HTML 86Page - Texas Instruments TMS320VC5510 Datasheet HTML 87Page - Texas Instruments TMS320VC5510 Datasheet HTML 88Page - Texas Instruments TMS320VC5510 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
Mechanical Data
85
June 2000 − Revised September 2007
SPRS076O
6
Mechanical Data
6.1
Package Thermal Resistance Characteristics
Table 6−1 and Table 6−2 provide the thermal resistance characteristics for the recommended package types
used on the TMS320VC5510/5510A DSPs.
Table 6−1. Thermal Resistance Characteristics (Ambient)
RΘJA (°C/W)
BOARD TYPE†
AIRFLOW (LFM)
26
High-K
0
22
High-K
150
20
High-K
250
50
Low-K
0
35
Low-K
150
29
Low-K
250
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51-9, Test Boards for Area Array Surface Mount Package Thermal
Measurements.
Table 6−2. Thermal Resistance Characteristics (Case)
RΘJC (°C/W)
BOARD TYPE†
6
2s JEDEC Test Card
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51-9, Test Boards for Area Array Surface Mount Package Thermal
Measurements.
6.2
Packaging Information
The following packaging information reflects the most current released data available for the designated
device(s). This data is subject to change without notice and without revision of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com