Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 57Page - Texas Instruments TMS320VC5510 Datasheet HTML 58Page - Texas Instruments TMS320VC5510 Datasheet HTML 59Page - Texas Instruments TMS320VC5510 Datasheet HTML 60Page - Texas Instruments TMS320VC5510 Datasheet HTML 61Page - Texas Instruments TMS320VC5510 Datasheet HTML 62Page - Texas Instruments TMS320VC5510 Datasheet HTML 63Page - Texas Instruments TMS320VC5510 Datasheet HTML 64Page - Texas Instruments TMS320VC5510 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Electrical Specifications
61
June 2000 − Revised September 2007
SPRS076O
CLKMEM
CEx†
BE[3:0]‡
A[15:2]§
D[31:0]
SDA10
SDRAS
SDCAS
SDWE
CA1
CA2
D1
D2
SD10
SD16
SD6
SD2
SD1
SD8
SD7
READ
READ
SD3
SD15
SD9
SD5
† The chip enable that becomes active depends on the address.
‡ All BE[3:0] signals are driven low (active) during reads. Byte manipulation of the read data is performed inside the EMIF. These signals remain
active until the next access that is not an SDRAM read occurs.
§ The number of address signals used depends on the SDRAM size and width.
Figure 5−8. Two SDRAM Read Commands (Active Row)
CLKMEM
CEx†
BE[3:0]
A[15:2]‡
D[31:0]
SDA10
SDRAS
SDCAS
SDWE
BE1
BE2
CA1
CA2
D1
D2
SD14
SD10
SD16
SD12
SD6
SD4
SD2
SD1
WRITE
WRITE
SD3
SD5
SD11
SD15
SD9
SD13
† The chip enable that becomes active depends on the address.
‡ The number of address signals used depends on the SDRAM size and width.
Figure 5−9. Two SDRAM WRT Commands (Active Row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com