Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 9Page - Texas Instruments TMS320VC5510 Datasheet HTML 10Page - Texas Instruments TMS320VC5510 Datasheet HTML 11Page - Texas Instruments TMS320VC5510 Datasheet HTML 12Page - Texas Instruments TMS320VC5510 Datasheet HTML 13Page - Texas Instruments TMS320VC5510 Datasheet HTML 14Page - Texas Instruments TMS320VC5510 Datasheet HTML 15Page - Texas Instruments TMS320VC5510 Datasheet HTML 16Page - Texas Instruments TMS320VC5510 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Introduction
13
June 2000 − Revised September 2007
SPRS076O
Texas Instruments (TI) has also developed foundation software available for the 5510/5510A. The C55x DSP
Library (DSPLIB) features over 50 C-callable software kernels (FIR/IIR filters, Fast Fourier Transforms (FFTs),
and various computational functions). The DSP Image/Video Processing Library (IMGLIB) contains over
20 software kernels highly optimized for C55x DSPs and is compiled with the latest revision of the C55x DSP
code generation tools. These imaging functions support a wide range of applications that include
compression, video processing, machine vision, and medical imaging.
The TMS320C55x DSP core was created with an open architecture that allows the addition of
application-specific hardware to boost performance on specific algorithms. The hardware extensions on the
5510/5510A strike the perfect balance of fixed function performance with programmable flexibility, while
achieving low-power consumption, and cost that traditionally has been difficult to find in the video-processor
market. The extensions allow the 5510/5510A to deliver exceptional video codec performance with more than
half its bandwidth available for performing additional functions such as color space conversion, user-interface
operations, security, TCP/IP, voice recognition, and text-to-speech conversion. As a result, a single
5510/5510A DSP can power most portable digital video applications with processing headroom to spare. For
more information, see the TMS320C55x Hardware Extensions for Image/Video Applications Programmer’s
Reference (literature number SPRU098). For more information on using the the DSP Image Processing
Library, see the TMS320C55x Image/Video Processing Library Programmer’s Reference (literature number
SPRU037).
2.2
Pin Assignments
Figure 2−1 illustrates the ball locations for the 240-pin GGW and ZGW ball grid array (BGA) packages and
is used in conjunction with Table 2−1 to locate signal names and ball grid numbers.
15 16
13 14
11
10
9
78
12
U
T
P
M
N
L
K
J
R
56
3
24
G
E
F
D
B
C
1
A
H
17
Figure 2−1. TMS320VC5510/5510A GGW and ZGW MicroStar BGA
 Packages (Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com