Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C56-MB6G/S Datasheet(PDF) 16 Page - STMicroelectronics

Part # M93C56-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-MB6G/S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M93C56-MB6G/S Datasheet HTML 12Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 13Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 14Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 15Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 16Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 17Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 18Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 19Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Instructions
M93C86, M93C76, M93C66, M93C56, M93C46
16/38
5.4
Write
For the Write Data to Memory (WRITE) instruction, 8 or 16 data bits follow the op-code and
address bits. These form the byte or word that is to be written. As with the other bits, Serial
Data Input (D) is sampled on the rising edge of Serial Clock (C).
After the last data bit has been sampled, the Chip Select Input (S) must be taken low before
the next rising edge of Serial Clock (C). If Chip Select Input (S) is brought low before or after
this specific time frame, the self-timed programming cycle will not be started, and the
addressed location will not be programmed. The completion of the cycle can be detected by
monitoring the READY/BUSY line, as described later in this document.
Once the Write cycle has been started, it is internally self-timed (the external clock signal on
Serial Clock (C) may be stopped or left running after the start of a Write cycle). The cycle is
automatically preceded by an Erase cycle, so it is unnecessary to execute an explicit erase
instruction before a Write Data to Memory (WRITE) instruction.
Figure 5.
ERASE, ERAL sequences
1.
For the meanings of An and Xn, please see Table 5., Table 6. and Table 7..
5.5
Erase All
The Erase All Memory (ERAL) instruction erases the whole memory (all memory bits are set
to 1). The format of the instruction requires that a dummy address be provided. The Erase
cycle is conducted in the same way as the Erase instruction (ERASE). The completion of
the cycle can be detected by monitoring the READY/BUSY line, as described in the
READY/BUSY status section.
AI00879B
S
ERASE
1 1
D
Q
ADDR
OP
CODE
1
BUSY
READY
CHECK
STATUS
S
ERASE
ALL
1
0
D
Q
OP
CODE
1
BUSY
READY
CHECK
STATUS
0
0
An
A0
Xn X0
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com