Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C56-MB6G/S Datasheet(PDF) 36 Page - STMicroelectronics

Part # M93C56-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-MB6G/S Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M93C56-MB6G/S Datasheet HTML 30Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 31Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 32Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 33Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 34Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 35Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 36Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 37Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Revision history
M93C86, M93C76, M93C66, M93C56, M93C46
36/38
14
Revision history
Table 34.
Document revision history
Date
Revision
Changes
04-Feb-2003
2.0
Document reformatted, and reworded, using the new template.
Temperature range 1 removed. TSSOP8 (3x3mm) package added. New
products, identified by the process letter W, added, with fc(max)
increased to 1MHz for -R voltage range, and to 2MHz for all other
ranges (and corresponding parameters adjusted)
26-Mar-2003
2.1
Value of standby current (max) corrected in DC characteristics tables for
-W and -R ranges
VOUT and VIN separated from VIO in the Absolute Maximum Ratings
table
04-Apr-2003
2.2
Values corrected in AC characteristics tables for -W range (tSLSH, tDVCH,
tCLSL) for devices with Process Identification Letter W
23-May-2003
2.3
Standby current corrected for -R range
27-May-2003
2.4
Turned-die option re-instated in Ordering Information Scheme
25-Nov-2003
3.0
Table of contents, and Pb-free options added. Temperature range 7
added. VIL(min) improved to –0.45V.
30-Mar-2004
4.0
MLP package added. Absolute Maximum Ratings for VIO(min) and
VCC(min) changed. Soldering temperature information clarified for
RoHS compliant devices. Device grade information clarified. Process
identification letter “G” information added
16-Aug-2004
5.0
M93C06 removed. Device grade information further clarified. Process
identification letter “S” information added. Turned-die package option
removed. Product list summary added.
27-Oct-2005
6.0
current product/new product distinction removed. ICC and ICC1 values for
current product removed from tables 15, 16 and 17 and AC
characteristics for current product removed from Tables 20 and 21.
Clock rate added to Features.
“Q = open” added to ICC Test conditions in DC Characteristics Tables 15,
16, 17, 18 and 19.
Process added to Table 28.: Ordering information scheme. POWER ON
DATA PROTECTION section removed, replaced by Operating features
and Active Power and Standby Power modes. Initial delivery state
added.
SO8N and TSSOP8 packages updated. PDIP-specific TLEAD added to
Table 8.: Absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com