Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C56-MB6G/S Datasheet(PDF) 23 Page - STMicroelectronics

Part # M93C56-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-MB6G/S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M93C56-MB6G/S Datasheet HTML 19Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 20Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 21Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 22Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 23Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 24Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 25Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 26Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
DC and AC parameters
23/38
Table 16.
DC characteristics (M93Cx6, device grade 3)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤V
IN ≤VCC
±2.5
µA
ILO
Output leakage current
0V
≤V
OUT ≤VCC, Q in Hi-Z
±2.5
µA
ICC
Supply current
VCC = 5 V, S = VIH, f = 2 MHz,
Q = open
2
mA
ICC1
Supply current (Standby)
VCC = 5 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
15
µA
VIL
Input low voltage
VCC = 5 V ± 10%
–0.45
0.8
V
VIH
Input high voltage
VCC = 5 V ± 10%
2
VCC + 1
V
VOL
Output low voltage
VCC = 5 V, IOL = 2.1 mA
0.4
V
VOH
Output high voltage
VCC = 5 V, IOH = –400 µA
2.4
V
Table 17.
DC characteristics (M93Cx6-W, device grade 6)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤V
IN ≤VCC
±2.5
µA
ILO
Output leakage current
0V
≤V
OUT ≤VCC, Q in Hi-Z
±2.5
µA
ICC
Supply current (CMOS
inputs)
VCC = 5 V, S = VIH, f = 2 MHz,
Q = open
2
mA
VCC = 2.5 V, S = VIH, f = 2 MHz,
Q = open
1
mA
ICC1
Supply current (Standby)
VCC = 2.5 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
5
µA
VIL
Input low voltage (D, C, S)
–0.45
0.2 VCC
V
VIH
Input high voltage (D, C, S)
0.7 VCC VCC + 1
V
VOL
Output low voltage (Q)
VCC = 5 V, IOL = 2.1 mA
0.4
V
VCC = 2.5 V, IOL = 100 µA
0.2
V
VOH
Output high voltage (Q)
VCC = 5 V, IOH = –400 µA
2.4
V
VCC = 2.5 V, IOH = –100 µA
VCC–0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com