Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C56-MB6G/S Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93C56-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-MB6G/S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93C56-MB6G/S Datasheet HTML 17Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 18Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 19Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 20Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 21Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 22Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 23Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 24Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
DC and AC parameters
21/38
11
DC and AC parameters
This section summarizes the operating and measurement conditions, and the dc and ac
characteristics of the device. The parameters in the dc and ac characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Table 9.
Operating conditions (M93Cx6)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
4.5
5.5
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Ambient operating temperature (device grade 3)
–40
125
°C
Table 10.
Operating conditions (M93Cx6-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Ambient operating temperature (device grade 3)
–40
125
°C
Table 11.
Operating conditions (M93Cx6-R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Table 12.
AC measurement conditions (M93Cx6)(1)
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
Input rise and fall times
50
ns
Input pulse voltages
0.4 V to 2.4 V
V
Input timing reference voltages
1.0 V and 2.0 V
V
Output timing reference voltages
0.8 V and 2.0 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com