Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C56-MB6G/S Datasheet(PDF) 37 Page - STMicroelectronics

Part # M93C56-MB6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-MB6G/S Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M93C56-MB6G/S Datasheet HTML 30Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 31Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 32Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 33Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 34Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 35Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 36Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 37Page - STMicroelectronics M93C56-MB6G/S Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Revision history
37/38
31-Jul-2007
7
Document reformatted. TSSOP8 3 × 3 mm (DS) package removed.
Erase/Write Enable (EWEN) instruction replaced by Write Enable
(WEN). Erase/Write Disable (EWDS) instruction replaced by Write
Disable (WDS).
Section 7: Initial delivery state modified, ACTIVE POWER AND
STANDBY POWER MODES section removed.
ICC1 test conditions modified in Table 15, Table 16, Table 17, Table 18
and Table 19. Note 1 added to Table 15.
tW parameter description modified in Table 20, Table 21, Table 22 and
Table 23..
SO8 narrow and UFDFPN8 package specifications updated (see
Section 12: Package mechanical).
Table 29, Table 30, Table 31, Table 32 and Table 33 added.
Blank option removed under Plating technology in Table 27: TSSOP8 –
8 lead thin shrink small outline, package mechanical data.
Section 2: Connecting to the serial bus added. Device grade 7 removed.
Table 34.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com